19/5/2011 cfah 30p1200/s14 capacitive sensors capacitive sensors www.baumer.com general data special type sensor for high temperatures mounting type unshielded nominal sensing distance sn 15 mm nominal sensing distance sn adjustable 4 ... 15 mm temperature drift 0,02 mm/c sensitivity adjustment potentiometer output indicator led electrical data voltage supply range +vs 10 ... 35 vdc current consumption max. 15 ma output circuit pnp make function (no) output current < 200 ma voltage drop vd < 2,5 vdc switching frequency < 50 hz short circuit protection yes reverse polarity protection yes mechanical data type cylindrical threaded housing material v2a/ptfe dimension 30 mm housing length 65 mm connection types connector m12 ambient conditions operating temperature -40 ... +200 c protection class ip 67 photo connection diagram output +v s pnp bu (3) bn (1) bk (4) z 0 v dimension drawing 59 m12 x 1 m30 x 1, 5 65 80 le d po t sw 2 4 m30 x 1, 5 71 25 30 sw 3 6 sw 3 6 teflon cable dia 3,7 mm l = 1 m
|